this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0190160085 status: active description: krimptite? quick disconnect, female, for 12-14 (3.30-2.00) wire, box, tab 6.35mm (.250") x 0.81mm (.032") documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr18689 ul e79133 general product family quick disconnects series 19016 comments butted seam crimp quality equipment yes product name krimptite? type quick disconnect physical barrel type closed gender female glow-wire compliant no insulation none lock to mating part none material - metal brass orientation straight packaging type bag polarized to mating part no tab thickness 0.81mm (.032") tab width 6.35mm (.250") temperature range - operating per wire specification wire size awg 12, 14 wire size mm2 2.00 - 3.30 electrical voltage - maximum per wire specification material info old part number p-1142 reference - drawing numbers sales drawing sd-19016-004 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19016 series application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # hand crimp tool 0640031200 crimp head for the at-200? pneumatic hand tool 0640071200 this document was generated on 04/13/2010 please check www.molex.com for latest part information
|